PART |
Description |
Maker |
FDB86360-F085 FDB86360F085 |
N-Channel Power Trench MOSFET 80V, 110A, 1.8mOhms N-Channel Power Trench? MOSFET
|
Fairchild Semiconductor
|
SCH2815 |
MOSFET : N-Channel Silicon MOSFET MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
DF1-PD2428SCFB DF1B-10S-2.5R DF1B-11S-2.5R DF1B-12 |
MOSFET N-CH 600V 36A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 1KV 24A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 1KV 36A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 500V 44A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 500V 80A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 CAT6 SOL PC PVC BLU 50FT PVC SOLID PATCH CORD MOSFET N-CH 500V 48A SOT-227B MOSFET N-CH 200V 180A SOT-227B MOSFET N-CH 300V 130A SOT-227B MOSFET N-CH 500V 64A SOT-227 MOSFET N-CH 70V 200A SOT-227B
|
http:// HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
ZXMP6A13FTC ZXMP6A13F ZXMP6A13FTA |
P-channel MOSFET 60V P-CHANNEL ENHANCEMENT MODE MOSFET MOSFET P-CH 60V 900MA SOT-23 900 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Electronic Theatre Controls, Inc. Zetex Semiconductor PLC
|
PIC18F4520TI_SO PIC18F2420TE_PSTQP PIC18F2420TE/PS |
MOSFET N-CH 70V 76A TO-247AD 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技10 CABLE ASSEMBLY; MHV MALE TO SHV PLUG ; 93 OHM, RG62A/U COAX; 12" CABLE LENGTH 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 MOSFET N-CH 800V 27A TO-264AA MOSFET N-CH 200V 58A TO-247AD MOSFET N-CH 200V 120A TO-264AA ADAPTER BNC R/A FEMALE-MALE Din Rail; External Width:7.5mm; Length:2m; Body Material:Steel MOSFET N-CH 70V 110A TO-264AA MOSFET N-CH 900V 6A TO-247AD MOSFET N-CH 600V 48A TO-264 MOSFET N-CH 500V 48A TO-264AA MOSFET N-CH 600V 44A TO-264AA MOSFET N-CH 100V 180A TO-264AA Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|
NTE2946 NTE2944 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
NTE2942 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
IRFPS40N50LPBF |
46 A, 500 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-274AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRF6217PBF IRF6217TRPBF IRF6217PBF-15 |
Reset Switch for Active Clamp Reset DC to DC converters SMPS MOSFET HEXFET?Power MOSFET SMPS MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
IRF1404SPBF IRF1404LPBF IRF1404STRLPBF IRF1404SPBF |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 75 A, 40 V, 0.004 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Advanced Process Technology
|
International Rectifier
|
|